Part Number Hot Search : 
STUB018 LA76843N PM2301 C2002 C2002 TDA4362 LTD070 LT6200
Product Description
Full Text Search
 

To Download SDZ6V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDZ6V2
Zener Diode
Features
* Compact type * Radiation size 1.3mm x 2.9mm * Surface mount lead configuration
Ordering Information
Type NO. SDZ6V2 Marking Z4 Package Code SOT-23
Outline Dimensions
2.40.1 1.300.1
unit : mm
1
1.90 Typ.
3 2
0.4 Typ. 0.45~0.60
2.90.1
3
0.2 Min.
1
2
1.12 Max.
KSD-2010-000
0.124
PIN Connections 1. Anode 2. NC 3. Cathode
0.38
0~0.1
-0.03 +0.05
1
SDZ6V2
Absolute maximum ratings
Characteristic
Power dissipation Junction temperature Storage temperature (Ta=25C)
Symbol
PD Tj Tstg
Ratings
200 150 -55~150
Unit
mW C C (Ta=25C)
Electrical Characteristics
Characteristic
Zener voltage Dynamic impedance KNEE dynamic impedance Reverse current
Symbol
VZ ZZT ZZK IR
Test Condition
IZ=5mA IZ=5mA IZ=0.25mA VR=4V
Min.
5.93 -
Typ. Max.
6.47 10 1300 1
Unit
V A
KSD-2010-000
2
Electrical Characteristic Curves
Fig. 1 PD-Ta Fig. 2 IZ-VZ
SDZ6V2
KSD-2010-000
3


▲Up To Search▲   

 
Price & Availability of SDZ6V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X